Part Number Hot Search : 
C1811 D1170 UNRL113 W925C625 1117B BSP030 00095 N5154L
Product Description
Full Text Search
 

To Download T70HF40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin I27106 rev. B 02/02
T..HF SERIES
www..com
POWER RECTIFIER DIODES Features
Electrically isolated base plate Types up to 1200 V RRM 3500 V RMS isolating voltage Simplified mechanical designs, rapid assembly High surge capability Large creepage distances UL E78996 approved
T-Modules
40 A 70 A 85 A 110 A
Description
These series of T-modules use standard recovery power rectifier diodes. The semiconductors are electrically isolated from the metal base, allowing common heatsink and compact assembly to be built. Applications include power supplies, battery charges, welders, motor controls and general industrial current rectification.
Major Ratings and Characteristics
Parameters
IF(AV) IF(RMS) IFSM It
2
T40HF T70HF T85HF T110HF Units
40 63 70 110 1200 1250 7100 6450 85 134 1700 1800 14500 13500 110 173 2000 2100 20500 18600 A
o
C
50Hz 60Hz 50Hz 60Hz
570 600 1630 1500 16300
A A A2s A2s A2s V
o
I t VRRM range TJ
2
70700 148700 204300 100 to 1200 -40 to 150
C
www.irf.com
1
T..HF Series
Bulletin I27106 rev. B 02/02
ELECTRICAL SPECIFICATIONS Voltage Ratings
Type number Voltage Code
10
VRRM , maximum repetitive peak reverse voltage V
100 200 400 600 800 1000 1200
VRSM , maximum non-repetitive peak reverse voltage V
150 300 500 700 900 1100 1300
IRRM max. TJ= @ 25C A
www..com
T40HF.. T70HF.. T85HF.. T110HF..
20 40 60 80 100 120
100
Forward Conduction
Parameters
IF(AV) Max. average fwd current @ Case temperature IF(RMS) Max. RMS forward current IFSM Max. peak, one-cycle forward,non-repetitive surge current I2t Maximum I2t for fusing T40HF T70HF T85HF T110HF Units Conditions 40 85 63 570 600 480 500 1630 1500 1150 1050 I2t Maximum I2t for fusing voltage VF(TO)2 High level value of threshold voltage rf1 rf2 VFM Low level value of forward slope resistance High level value of forward slope resistance Max. forward voltage drop 1.30 1.35 1.27 1.35 V IFM = x IF(AV), TJ = 25 oC, tp = 400 s square pulse Av. power = VF(TO) x IF(AV) + rf x (IF(RMS))2 3.1 1.7 1.08 1.12 (I > x IF(AV)), @ TJ max. 4.3 2.4 1.76 1.56 m (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max. 0.84 0.95 0.90 0.86 (I > x IF(AV)), @ TJ max. 70 85 110 1200 1250 1000 1050 7100 6450 5000 4570 85 85 134 1700 1800 1450 1500 14500 13500 10500 9600 110 85 173 2000 2100 1700 1780 20500 18600 14500 13200 A
o
180o conduction, half sine wave
C
A A t = 10ms t = 10ms A2s t = 10ms t = 10ms No voltage 100% VRRM Sinusoidal half wave, Initial TJ = TJ max. No voltage 100% VRRM
t = 8.3ms reapplied t = 8.3ms reapplied t = 8.3ms reapplied t = 8.3ms reapplied (16.7% x x IF(AV) < I < x IF(AV)), @ TJ max.
16300 70700 148700 204300 A2s t = 0.1 to 10ms, no voltage reapplied 0.66 0.76 0.68 0.68 V
VF(TO)1 Low level value of threshold
Blocking
Parameters
IRRM VINS Max. peak reverse leakage current RMS isolation voltage 3500 3500 3500 3500 V 50Hz, circuit to base, all terminals shorted TJ = 25 oC , t = 1s T40HF T70HF T85HF T110HF Units Conditions 15 15 20 20 mA TJ = 150 oC
2
www.irf.com
T..HF Series
Bulletin I27106 rev. B 02/02
R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)
Devices
T40HF
Sinusoidal conduction @ TJ max.
180o 0.12 0.09 0.08 0.05 120o 0.14 0.11 0.09 0.07 90o 0.18 0.14 0.12 0.09 60o 0.27 0.20 0.18 0.14 30o 0.46 0.35 0.31 0.23 180o 0.09 0.07 0.06 0.05
Rectangular conduction @ TJ max.
120o 0.15 0.11 0.10 0.08 90o 0.20 0.15 0.13 0.10 60o 0.28 0.21 0.19 0.15 30o 0.46 0.35 0.31 0.24
Units
K/W
www..com
T70HF T85HF T110HF
Thermal and Mechanical Specifications
Parameters
TJ Tstg RthJC RthCS T wt Max. junction operating temperature range Max. storage temperature range Max. thermal resistance, junction to case Max. thermal resistance, case to heatsink Mounting to heatsink 1.3 10% 3 10% 54 D-56 Nm g M3.5 mounting screws (2) M5 screw terminals See outline table T type torque 10% terminals Approximate weight Case style non lubricated threads 0.2 K/W Mounting surface smooth, flat and greased 1.36 0.69 0.62 0.47 K/W DC operation, per junction -40 to 150 C T40HF T70HF T85HF T110HF -40 to 150 Units C
Conditions
(2) A mounting compound is recommended and the torque should be rechecked after a period of about 3 hours to allow for the spread of the compound
Ordering Information Table
Circuit configuration ** T 1 110 2 HF 120 4
Device Code
3
1 2 3 4
-
Module type Current rating Circuit configuration ** Voltage code : code x 10 = VRRM
www.irf.com
3
T..HF Series
Bulletin I27106 rev. B 02/02
Outline Table
www..com
All dimensions in millimeters (inches)
M axim um Allow a ble C ase Tem p era ture ( C )
140 130 120 110 100 90 80 70 60 0 10
T40HF.. Series R thJC (DC ) = 1.36 K/W
M axim um Allow ab le C ase Te m pe ra tu re ( C )
150
150 140 130 120 110 100 90 80 70 60 0 10 20 30 40 50 60 70 A v erag e Fo rw a rd C urrent (A ) 30 60 90 120 1 80 DC
C o nd uc tio n P e rio d
T40H F.. Serie s R th JC (D C ) = 1 .36 K /W
C ond uc tio n A ngle
30
60
90 120 180
20
30
40
50
A verage Fo rw ard C urrent (A )
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
4
www.irf.com
T..HF Series
Bulletin I27106 rev. B 02/02
M a xim um A ver age F orw a rd Pow er Loss (W ) 45 40 35 30 25 20 15 10 5 0 0 5 10 15 20 25 30 35 40 0 25 50 75 100 125 150 A verag e Fo rw a rd C urrent (A ) M a xim um A llo w ab le A m bien t Tem p era ture ( C ) 180 120 90 60 30 RM S Lim it
5K /W
1. 5 K/
W K/
R th
1
2
3
K/ W
SA
W
.5 =0
K/
W
K/ W -D e lt a R
www..com
7K /W C o nd uc tio n A ng le 1 0 K /W
T40HF.. Series T J = 150 C
Fig. 3 - Forward Power Loss Characteristics
M axim u m Av erage Fo rw ard P ow er Loss (W )
70 60 50 40 30 RM S Lim it 20 10 0 0 10 20 30 40 50 60 0 70 25 50 75 100 125 150 A verage Fo rw a rd C urrent (A) M axim um A llow a ble A m bien t Tem p e ra ture ( C )
C o nd uc tio n P e rio d
DC 180 120 90 60 30
R
th SA
1
1. 5
K/
K/
= 0. 5 K/ W -D
W
W
2K
el
/W
ta R
3K /W
5 K/ W 7 K/ W
T40 HF.. Series T J = 1 50 C
10 K/W
Fig. 4 - Forward Power Loss Characteristics
550 500 450 400 350 300 250 200 150 1 10 100
Num ber O f Equal Amplitude Half Cycle Current Pulses (N)
Peak H a lf Sin e W ave Fo rw ar d C ur ren t (A )
Pea k H alf Sine W a ve Fo rw a rd C urr ent (A )
A t A ny Ra te d Loa d C o nd ition A nd W ith Ra ted V RR M A p p lied Fo llow in g Surg e . Initial T J = 150 C @ 60 H z 0.0083 s @ 50 H z 0.0100 s
600 550 500 450 400 350 300 250 200 150 100 0.01
M axim um N on Re petitive Surg e Current Versus Pulse Train Duration. Initial T J = 150 C N o Voltage Reapp lied Rated V RR M Reapp lied
T40HF.. Series
T40HF.. Series
0.1 Pulse Tra in D uration (s)
1
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
www.irf.com
5
T..HF Series
Bulletin I27106 rev. B 02/02
M a xim um A llow a ble C ase Tem p erature ( C ) T70 H F.. Serie s R th JC (D C ) = 0 .6 9 K /W
M axim um Allow a ble C a se Tem perature ( C )
150 140 130 120 110 100 90 80 70 60 0 10 20 30 40 50 60 70 80 A vera ge Forw ard C urrent (A) 30
C o nd u c tio n A n gle
150 140 130 120 110 100 90 80 70 60 0 20 40 60 80 100 120 Average Forw a rd C urren t (A ) 30 60 90 120 180 DC
C ond uc tio n P e riod
T70HF.. Series R thJC (DC ) = 0.69 K/W
www..com
60 90 1 20 180
Fig. 7 - Current Ratings Characteristics
Fig. 8 - Current Ratings Characteristics
M a xim um Average Forw a rd Pow er Loss (W )
90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 0 25 50 75 100 125 150 A verag e Forw ard C urren t (A )
M a xim u m A llow ab le A m b ie n t e m pe rature ( C )
C o nd uc tio n A ng le
180 120 90 60 30 RM S Lim it
hS Rt
0. 5
0. 7
1
K/
K/ W
A
K/
W
=
W
0 .3 K/
1. 5
2K
W
K/
/W
-D
W
el ta R
3K /W
5 K/ W
T70HF.. Series T J= 150 C
7 K/ W
Fig. 9 - Forward Power Loss Characteristics
M a xim um A verag e Forw ard Pow e r Loss (W ) 120 100 80 60 40 20 0 0 20 40 60 80 100 120 0 25 50 75 100 125 150 A verag e Forw ard C urren t (A ) M a xim um A llow ab le Am bien t Tem p era ture ( C ) DC 1 80 1 20 90 60 30 RM S Lim it
C o nd uctio n P e rio d
h Rt
0. 3K /W
5K /W 0.
SA
= 2 0.
0.
7K
K/
/W
W -D
1K
el
/W
ta R
1. 5
K /W
2 K/
W 3 K /W
5 K /W
T70HF.. Series T J = 15 0 C
Fig. 10 - Forward Power Loss Characteristics
6
www.irf.com
T..HF Series
Bulletin I27106 rev. B 02/02
Peak Ha lf Sine W ave Forw a rd C urrent ( A) Peak Ha lf Sin e W ave Forw a rd C urrent (A) 1100 1000 900 800 700 600 500 400 300 1 10 100
N um ber O f Equal Am plitude Half Cycle Current Pulses (N)
A t A ny Ra te d Loa d C o nd itio n A nd W ith R a ted V RRM A pp lie d Fo llo wing Surg e . Initial T J = 150 C @ 60 Hz 0.008 3 s @ 50 Hz 0.010 0 s
1200 1100 1000 900 800 700 600 500 400 300 200 0.01
M axim um No n Re pe titive Surge C urre nt Versus Pulse Train D uration . In itial T J = 150 C No Vo ltag e Reap p lied Rated V RR M Reap p lied
www..com
T70HF.. Series
T70 HF.. Series
0.1 P ulse Train Du ratio n (s)
1
Fig. 11 - Maximum Non-Repetitive Surge Current
M a xim um A llo w a ble C ase T em pera ture ( C ) 150 140 130 120 110 100 90 80 0 10 20 30 40 50 60 70 80 90 A verag e Forw ard C urrent (A)
C ond uc tio n A n gle
Fig. 12 - Maximum Non-Repetitive Surge Current
150 140 130 120 110 100 90 80 70 60 0 20 40 60 80 100 120 140 Avera ge Forw ard Curren t (A) 30 60 90 120 180 DC
C ond uc tio n P erio d
T85HF.. Series R thJC (DC ) = 0.62 K/W
M axim um Allow ab le C ase Tem p erature ( C )
T85HF.. Series R thJC (DC ) = 0.62 K/W
30
60 90 120 180
Fig. 13 - Current Ratings Characteristics
100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 80 0 90 25 50
C o nd uc tion A ng le
Fig. 14 - Current Ratings Characteristics
M a xim um A verag e Forw ard Pow er Loss (W )
180 120 90 60 30 RM S Lim it
S R th
0. 5 K/
0. 7
1
0. 3K
W
A
K/ W
W
.2 =0
/W
K/
K/ W
1 .5
-D
K/ W 2K /W
3K /W
e lt a R
5 K/ W
T85 HF.. Series T J = 1 50 C
7 K/ W
75
100
125
150
A vera g e Forw a rd C urrent (A )
M a xim um A llow ab le A m bien t Tem p era ture ( C )
Fig. 15 - Forward Power Loss Characteristics
www.irf.com
7
T..HF Series
Bulletin I27106 rev. B 02/02
M axim um Ave ra ge Forwa rd Pow er Lo ss (W ) 140 120 100 80 60 40 20 0 0 20 40 60 80 100 120 140 0 25 50 75 100 125 150 A vera ge Forw a rd C urren t (A ) M a xim um Allow a ble A m bien t Tem p era ture ( C ) T85HF.. Series T J = 15 0 C RM S Lim it
C o n du ction Pe rio d
DC 1 80 1 20 90 60 30
R
th SA
0. 3K /W
= 0.
0 .5
0 .7
2
K/
K/
W
W -D
K/
ta el
W
1K
R
/W
/W
www..com
1 .5 K
2K /W
3 K /W
5K /W
Fig. 16 - Forward Power Loss Characteristics
1600 1400 1200 1000 800 600 400 1 10 100
N um be r O f Equal A m plitude Half C ycle C urrent Pulse s (N)
P eak H alf Sine W ave Fo rw ard C urren t (A )
A t A ny Ra te d Lo a d C o nd itio n A nd W ith R a ted V RR M A p p lie d Fo llo w in g Surg e . Initia l T J = 15 0 C @ 60 H z 0.0 083 s @ 50 H z 0.0 100 s
Pe ak H alf Sine W ave Forw a rd C urr ent (A)
1800 1600 1400 1200 1000 800 600 400 0.01
M axim um No n Re pe titive Surge Current Versus Pulse Tra in D uration . Initial T J = 150 C No Vo lta ge Reap p lied Rated V RR M Reap p lied
T85HF.. Series
T8 5HF.. Series
0.1 P ulse Tra in D ura tio n (s)
1
Fig. 17 - Maximum Non-Repetitive Surge Current
150 140 130 120 110 100 90 80 70 60 0 20 40 60 80 100 120 A verage Forw ard C u rrent (A ) 30
C o nd uc tion A ng le
Fig. 18 - Maximum Non-Repetitive Surge Current
150 140 130 120 110 100 90 80 70 60 0 20 40 60 80 100 120 140 160 180 Averag e Forw a rd C urren t (A ) 30 60 90 120 180 DC
C o nd uction Pe rio d
M axim um A llowa b le C ase Tem perature ( C )
T110 HF.. Series R thJC (D C ) = 0.47 K/W
M axim um Allow a ble C ase Tem p era ture ( C )
T110HF.. Series R thJC (D C) = 0.47 K/W
60
90 120 180
Fig. 19 - Current Ratings Characteristics
Fig. 20 - Current Ratings Characteristics
8
www.irf.com
T..HF Series
Bulletin I27106 rev. B 02/02
M axim um A vera ge Fo rw ard Po w er Lo ss (W ) 130 120 110 100 90 80 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120 0 25 50 75 100 125 150 A verag e Fo rw a rd C urrent (A ) M a xim um A llow a ble A m b ie nt Te m p e ratu re ( C ) T110HF.. Series T J = 1 50 C
C o nd uc tio n A ng le
3 K/ W
18 0 12 0 90 60 30 RM S Lim it
0.
0. 7
S R th
5K
W
0. 3 K/
/W
A
=
W
K/
0. 2 K/
1K
W
/W
-D el ta
www..com
1. 5 K/W 2K /W
R
5 K /W
Fig. 21 - Forward Power Loss Characteristics
M a xim um A verage Forw ard Pow er Loss ( W )
180 160 140 120 100 80 RM S Lim it 60 40 20 0 0 20 40 60 80 100 120 140 160 180 0 25 50 75 100 125 150 A vera ge F orw ard C urre nt (A ) M axim um A llow a ble A m bien t Tem p e ra ture ( C )
C ond uc tio n P e rio d
1 .5
DC 180 120 90 60 30
R
th SA
=
0.
3K
0.
2
0 .5
/W
W
K/
W
K/
-D
0 .7
el
ta
K/
R
W
1K /W
K /W
2 K/W
T110HF.. Series T J = 150 C
3 K/W
5 K /W
Fig. 22 - Forward Power Loss Characteristics
1800 1600 1400 1200 1000 800 600 400 1 10 100
Num ber O f Equal A m plitude Half C ycle Current Pulses (N)
Pe ak H a lf Sine W ave Fo rw a rd C urrent (A)
Pea k H alf Sin e W a ve Forw ard C urre n t (A)
2000 1800 1600 1400 1200 1000 800 600 400 0.01
A t A ny Ra te d Loa d C o nd ition A nd W ith Ra ted V RRM A p p lie d Fo llo w in g Surg e . Initial T J= 150 C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
M axim um N o n Rep etitive Surg e Current Versus Pulse Train D uratio n . Initia l T J = 150 C N o Vo lta ge Rea pp lied Ra ted V RRM Rea pp lied
T110H F.. Series
T110H F.. Series
0.1
P ulse Train D u ratio n (s)
1
Fig. 23 - Maximum Non-Repetitive Surge Current
Fig. 24 - Maximum Non-Repetitive Surge Current
www.irf.com
9
T..HF Series
Bulletin I27106 rev. B 02/02
1000 Instanta neo us Fo rw ard Cu rre nt (A ) Instan taneous Forw ard C urrent (A) 1000
100
100
www..com
T J = 25 C 10 T J = 1 50 C
T J = 25 C 10 T J= 15 0 C
T4 0HF.. Series 1 0 0.5 1 1.5 2 2.5 3 3.5 4 In sta ntaneo us Fo rwa rd Vo lta g e (V)
T70H F.. Series 1 0 0.5 1 1.5 2 2.5 3 In sta n tan eous Forw a rd V oltage (V )
Fig. 25 - Forward Voltage Drop Characteristics
Fig. 26 - Forward Voltage Drop Characteristics
10000 Instantan eous Forw ard C urren t (A) Instantan eo us Forw a rd C urre n t (A)
10000
1000
1000
T J= 2 5 C 100 T J = 15 0 C
100
T J= 25 C T J = 15 0 C T1 10H F.. Series
T85 HF.. Series 10 0 1 2 3 4 5 In sta nta n eo us Forw a rd V oltag e (V )
10 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 In sta nta n e ous Fo rw a rd V olt ag e (V )
Fig. 27 - Forward Voltage Drop Characteristics
Fig. 28 - Forward Voltage Drop Characteristics
Transient The rm al Im pedanc e Z thJC (K/W )
10 Stea dy Sta te Value: R thJC = 1 .3 6 K/W R thJC = 0 .6 9 K/W R thJC = 0 .6 2 K/W R thJC = 0 .4 7 K/W (D C O pera tio n ) T4 0HF.. Series T70HF.. Series
1
T85HF.. Series T110HF.. Series 0.1
0.01 0.0001
0.001
0.01
0.1
1
10
100
Sq ua re W a ve Pulse D uration (s)
Fig. 29 - Thermal Impedance ZthJC Characteristics
10
www.irf.com
T..HF Series
Bulletin I27106 rev. B 02/02
www..com
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 02/02
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of T70HF40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X